Part Number Hot Search : 
EPA030B 4HCT57 BPC1010 N8253 TM400DZ HL6553 BSP171 TFS140X
Product Description
Full Text Search
 

To Download MBRB20100CTG-1TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20838 rev. B 01/07
MBRB20...CTG MBR20...CTG-1
SCHOTTKY RECTIFIER 20 Amp
IF(AV) = 20 Amp VR = 80/100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform (Per Device) IFRM VRRM IFSM @ tp = 5 s sine VF TJ @ 10 Apk, TJ = 125C range @ TC = 133C (Per Leg) 20 80/ 100 850 0.70 - 65 to 150 A V A V C
Description/ Features Units
A This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap D 2Pak and TO-262 packages Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
20
Case Styles MBRB20...CTG MBR20...CTG-1
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
Anode
1
Anode
2 Common Cathode
3
Anode
D2PAK www.irf.com
TO-262 1
MBRB20...CTG, MBR20...CTG-1
Bulletin PD-20838 rev. B 01/07
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
MBRB2080CTG MBR2080CTG-1 MBRB2090CTG MBR2090CTG-1 MBRB20100CTG MBR20100CTG-1
80
90
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward (Per Leg) Current (Per Device) IFRM Peak Repetitive Forward Current (Per Leg) IFSM Non Repetitive Peak Surge Current IRRM Peak Repetitive Reverse Surge Current EAS Non-Repetitive Avalanche Energy (Per Leg)
Values
10 20 20 850 150 0.5 24
Units
A A
Conditions
@ T C = 133 C, (Rated VR) Rated VR, square wave, 20kHz TC = 133 C 5s Sine or 3s Following any rated load condition and with rated V RRM applied Rect. pulse Surge applied at rated load conditions halfwave, single phase, 60Hz 2.0 sec 1.0 KHz TJ = 25 C, IAS = 2 Amps, L = 12 mH
A A mJ
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1)
Values
0.80 0.95 0.70 0.85
Units
V V V V mA mA V
m
Conditions
@ 10A @ 20A @ 10A @ 20A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C Rated DC voltage
IRM
Max. Instantaneus Reverse Current (1)
0.10 6 0.433 15.8 400 8.0 10000
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance
pF nH
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured from top of terminal to mounting plane
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-65 to 150 -65 to 175 2.0 0.50 50 2 (0.07) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthCS Typical Thermal Resistance Case to Heatsink RthJA Max. Thermal Resistance Junction to Ambient wt T Approximate Weight Mounting Torque Marking Device
C/W DC operation C/W Mounting surface, smooth and greased Only for TO-220 C/W DC operation For D2Pak and TO-262 g (oz.) Kg-cm Non-lubricated threads (Ibf-in) Case style D2-Pak Case style TO-262
MBRB20100CTG MBR20100CTG-1
2
www.irf.com
MBRB20...CTG, MBR20...CTG-1
Bulletin PD-20838 rev. B 01/07
100
100 10 1 0.1 0.01 0.001 0.0001 TJ = 150C 125C 100C 75C 50C 25C
Instantaneous Forward Current - IF (A)
TJ = 150C TJ = 125C TJ = 25C 10
R everse Current - IR (mA)
0
20
40
60
80
100
R everse Voltage - VR (V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000 Junction Cap acitance - C T (pF)
TJ = 25C
100
1 0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
10
0
20
40
60
80
100
Forward Voltage Drop - V FM (V)
Reverse Voltage - VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 T hermal Impedance Z thJC (C/ W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P DM
0.1 S ingle Pulse (T hermal Resistance) 0.01 0.00001 Notes:
t1 t2
1. Duty factor D = t 1/ t 2 2. Peak T = PDM x Z thJC+ TC J 0.01 0.1 1 10
0.0001
0.001
t 1 , Rec ta ng ular Pulse Duration (S onds) ec
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
MBRB20...CTG, MBR20...CTG-1
Bulletin PD-20838 rev. B 01/07
150 Allowable Case T emperature - (C)
Average Power Loss - (Watts)
10 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 DC R Limit MS 4
140
DC
8
130 S uare wave (D = 0.50) q R ated VR applied
6
120
110
see note (2)
2
100
0
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-R epetitive S urge Current - I FS (A) M
1000 At Any R ated Load Condition And With R ated VRRM Applied Following S urge
100 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x I R (1 - D); IR @ VR1 = rated VR
4
www.irf.com
MBRB20...CTG, MBR20...CTG-1
Bulletin PD-20838 rev. B 01/07
Outline Table
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
5
MBRB20...CTG, MBR20...CTG-1
Bulletin PD-20838 rev. B 01/07
Tape & Reel Information
Dimensions in millimeters and (inches)
Part Marking Information
D2PAK
THIS IS A MBRB20100CTG LOT CODE 8024 ASSEMBLED ON WW 02, 2000 IN THE ASSEMBLY LINE "L" INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER G = Schottky Generation
MBRB20100CTG
DATE CODE YEAR 0 = 2000 WEEK 02 LINE L
PART NUMBER G = Schottky Generation
TO-262
EXAMPLE: THIS IS A MBR20100CTG-1 LOT CODE 1789 ASSEMBLED ON WW 19, 1999 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE YEAR 9 = 1999 WEEK 19 LINE C
6
www.irf.com
MBRB20...CTG, MBR20...CTG-1
Bulletin PD-20838 rev. B 01/07
Ordering Information Table
Device Code
MBR
1 1 2 3 4 5 6 7 8 -
B
2
20
3
100
4
CT
5
G
6
-1
7
TRL
8
9
Essential Part Number B = D2Pak 80 = 80V 90 = 90V 100 = 100V none = TO-262 Current Rating (20 = 20A) Voltage Ratings CT = Essential Part Number G = Schottky Generation none = D2Pak -1 = TO-262 none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented - for D 2Pak only) TRR = Tape & Reel (Right Oriented - for D 2Pak only)
9
-
none = Standard Production PbF = Lead-Free (D 2Pak tube) P = Lead-Free (for D 2Pak TRR and TRL, and TO-262)
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/07
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of MBRB20100CTG-1TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X